Part Number Hot Search : 
1N3024TR E83CC 225000 A5800423 2C64A HT7024A DMR14A HWL34YRA
Product Description
Full Text Search
 

To Download MAX106209 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-2203; Rev 1; 5/09
14-Bit, +5V, 200ksps ADC with 10A Shutdown
General Description
The MAX1062 low-power, 14-bit analog-to-digital converter (ADC) features a successive approximation ADC, automatic power-down, fast 1.1s wake-up, and a highspeed SPITM/QSPITM/MICROWIRETM-compatible interface. The MAX1062 operates with a single +5V analog supply and features a separate digital supply, allowing direct interfacing with 2.7V to 5.25V digital logic. At the maximum sampling rate of 200ksps, the MAX1062 consumes typically 2.75mA. Power consumption is typically 13.75mW (AVDD = DVDD = 5V) at a 200ksps (max) sampling rate. AutoShutdownTM reduces supply current to 140A at 10ksps and to less than 10A at reduced sampling rates. Excellent dynamic performance and low power, combined with ease of use and small package size (10-pin MAX(R)) make the MAX1062 ideal for battery-powered and data-acquisition applications or for other circuits with demanding power consumption and space requirements. o 14-Bit Resolution, 1LSB DNL o +5V Single-Supply Operation o Adjustable Logic Level (2.7V to 5.25V) o Input Voltage Range: 0 to VREF o Internal Track/Hold, 4MHz Input Bandwidth o SPI/QSPI/MICROWIRE-Compatible Serial Interface o Small 10-Pin MAX Package o Low Power 2.75mA at 200ksps 140A at 10ksps 0.1A in Power-Down Mode
Features
MAX1062
Applications
Motor Control Industrial Process Control Industrial I/O Modules Data-Acquisition Systems Thermocouple Measurements Accelerometer Measurements Portable- and Battery-Powered Equipment
PART MAX1062ACUB MAX1062BCUB MAX1062CCUB MAX1062AEUB MAX1062BEUB MAX1062CEUB
Ordering Information
TEMP. RANGE 0C to 70C 0C to 70C 0C to 70C -40C to 85C -40C to 85C -40C to 85C PINPACKAGE 10 MAX 10 MAX 10 MAX 10 MAX 10 MAX 10 MAX INL (LSB) 1 2 3 1 2 3
Pin Configuration
Functional Diagram appears at end of data sheet.
TOP VIEW
REF 1 AVDD AGND 2 3 4 5 10 AIN 9 AGND DVDD DGND DOUT
MAX1062
8 7 6
SPI and QSPI are trademarks of Motorola, Inc. MICROWIRE is a trademark of National Semiconductor, Corp. AutoShutdown is a trademark of Maxim Integrated Products, Inc. MAX is a registered trademark of Maxim Integrated Products, Inc.
CS SCLK
MAX
________________________________________________________________ Maxim Integrated Products
1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com
14-Bit, +5V, 200ksps ADC with 10A Shutdown MAX1062
ABSOLUTE MAXIMUM RATINGS
AVDD to AGND ........................................................-0.3V to +6V DVDD to DGND........................................................-0.3V to +6V DGND to AGND....................................................-0.3V to +0.3V AIN, REF to AGND ...................................-0.3V to (AVDD + 0.3V) SCLK, CS to DGND ..................................................-0.3V to +6V DOUT to DGND .......................................-0.3V to (DVDD + 0.3V) Maximum Current Into Any Pin ...........................................50mA Continuous Power Dissipation (TA = +70C) 10-Pin MAX (derate 5.6mW/C above +70C) ..........444mW Operating Temperature Ranges MAX1062_CUB .................................................0C to +70C MAX1062_EUB ..............................................-40C to +85C Maximum Junction Temperature .....................................+150C Storage Temperature Range .............................-65C to +150C Lead Temperature (soldering, 10s) .................................+300C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(AVDD = DVDD = +4.75V to +5.25V, fSCLK = 4.8MHz (50% duty cycle), 24 clocks/conversion (200ksps), VREF = +4.096V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.)
PARAMETER DC ACCURACY (NOTE 1) Resolution MAX1062A Relative Accuracy (Note 2) Differential Nonlinearity Transition Noise Offset Error Gain Error (Note 3) Offset Drift Gain Drift (Note 3) DYNAMIC SPECIFICATIONS (1kHz sine wave, 4.096Vp-p) (Note 1) Signal-to-Noise Plus Distortion Signal-to-Noise Ratio Total Harmonic Distortion Spurious-Free Dynamic Range Full-Power Bandwidth Full-Linear Bandwidth CONVERSION RATE Conversion Time (Note 4) Serial Clock Frequency Aperture Delay Aperture Jitter Sample Rate Track/Hold Acquisition Time fS tACQ fSCLK / 24 1.1 tCONV fSCLK 5 0.1 15 <50 200 240 4.8 s MHz ns ps ksps s SINAD SNR THD SFDR -3dB point SINAD > 81dB 87 81 82 84 84 -99 101 4 20 -86 dB dB dB dB MHz kHz INL DNL MAX1062B MAX1062C No missing codes over temperature RMS noise 0.5 0.32 0.2 0.002 0.4 0.2 1 0.01 14 1 2 3 1 LSB LSBRMS mV %FSR ppm/oC ppm/oC LSB Bits SYMBOL CONDITIONS MIN TYP MAX UNITS
2
_______________________________________________________________________________________
14-Bit, +5V, 200ksps ADC with 10A Shutdown
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = DVDD = +4.75V to +5.25V, fSCLK = 4.8MHz (50% duty cycle), 24 clocks/conversion (200ksps), VREF = +4.096V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.)
PARAMETER ANALOG INPUT (AIN) Input Range Input Capacitance EXTERNAL REFERENCE Input Voltage Range Input Current DIGITAL INPUTS (SCLK, CS) Input High Voltage Input Low Voltage Input Leakage Current Input Hysteresis Input Capacitance DIGITAL OUTPUT (DOUT) Output High Voltage Output Low Voltage Three-State Output Leakage Current Three-State Output Capacitance POWER SUPPLIES Analog Supply Digital Supply AVDD DVDD 200ksps Analog Supply Current IAVDD CS = DGND 100ksps 10ksps 1ksps 200ksps Digital Supply Current IDVDD CS = DGND, DOUT = all zeros 100ksps 10ksps 1ksps 4.75 2.7 2.75 1.4 0.14 0.014 0.6 0.3 0.03 0.003 1.0 mA 5.25 5.25 3.25 mA V V VOH VOL IL COUT ISOURCE = 0.5mA, DVDD = +2.7V to +5.25V ISINK = 10mA, DVDD = +4.75V to +5.25V ISINK = 1.6mA, DVDD = +2.7V to +5.25V CS = DVDD CS = DVDD 0.1 15 DVDD 0.25V 0.7 0.4 10 V V A pF VIH VIL IIN VHYST CIN DVDD = +2.7V to +5.25V DVDD = +2.7V to +5.25V VIN = 0 to DVDD 0.1 0.2 15 0.7 x DVDD 0.3 x DVDD 1 V V A V pF VREF VREF = 4.096V, fSCLK = 4.8MHz IREF VREF = 4.096V, SCLK idle CS = DVDD, SCLK idle 3.8 100 0.01 0.01 A AVDD V VAIN CAIN 0 40 VREF V pF SYMBOL CONDITIONS MIN TYP MAX UNITS
MAX1062
_______________________________________________________________________________________
3
14-Bit, +5V, 200ksps ADC with 10A Shutdown MAX1062
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = DVDD = +4.75V to +5.25V, fSCLK = 4.8MHz (50% duty cycle), 24 clocks/conversion (200ksps), VREF = +4.096V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.)
PARAMETER Shutdown Supply Current Power-Supply Rejection Ratio (Note 5) SYMBOL IAVDD + IDVDD PSRR CONDITIONS CS = DVDD, SCLK = idle AVDD = DVDD = +4.75V to +5.25V, full-scale input MIN TYP 0.1 68 MAX 10 UNITS A dB
MAX1062 TIMING CHARACTERISTICS (Figures 1, 2, 3, and 6)
(AVDD = DVDD = +4.75V to +5.25V, fSCLK = 4.8MHz (50% duty cycle), 24 clocks/conversion (200ksps), VREF = +4.096V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.)
PARAMETER Acquisition Time SCLK to DOUT Valid CS Fall to DOUT Enable CS Rise to DOUT Disable CS Pulse Width CS Fall to SCLK Rise Setup CS Rise to SCLK Rise Hold SCLK High Pulse Width SCLK Low Pulse Width SCLK Period SYMBOL tACQ tDO tDV tTR tCSW tCSS tCSH tCH tCL tCP 65 65 208 CDOUT = 50pF CDOUT = 50pF CDOUT = 50pF 50 100 0 CONDITIONS MIN 1.1 50 80 80 TYP MAX UNITS s ns ns ns ns ns ns ns ns ns
(AVDD = +4.75V to +5.25V, DVDD = +2.7V to +5.25V, fSCLK = 4.8MHz (50% duty cycle), 24 clocks/conversion (200ksps), VREF = +4.096V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.)
PARAMETER Acquisition Time SCLK to DOUT Valid CS Fall to DOUT Enable CS Rise to DOUT Disable CS Pulse Width CS Fall to SCLK Rise Setup CS Rise to SCLK Rise Hold SCLK High Pulse Width SCLK Low Pulse Width SCLK Period SYMBOL tACQ tDO tDV tTR tCSW tCSS tCSH tCH tCL tCP 65 65 208 CDOUT = 50pF CDOUT = 50pF CDOUT = 50pF 50 100 0 CONDITIONS MIN 1.1 100 100 80 TYP MAX UNITS s ns ns ns ns ns ns ns ns ns
Note 1: AVDD = DVDD = +5V. Note 2: Relative accuracy is the deviation of the analog value at any code from its theoretical value after the full-scale range has been calibrated. Note 3: Offset and reference errors nulled. Note 4: Conversion time is defined as the number of clock cycles multiplied by the clock period; clock has 50% duty cycle. Note 5: Defined as the change in positive full scale caused by a 5% variation in the nominal supply voltage. 4 _______________________________________________________________________________________
14-Bit, +5V, 200ksps ADC with 10A Shutdown
Typical Operating Characteristics
(AVDD = DVDD = +5V, fSCLK = 4.8MHz, CLOAD = 50pF, VREF = +4.096V, TA = 25C, unless otherwise noted.)
INL vs. OUTPUT CODE
MAX1062 toc01
MAX1062
DNL vs. OUTPUT CODE
MAX1062 toc02
MAX1062 FFT
MAX1062 toc03
1.0 0.8 0.6 0.4
1.0 0.8 0.6 0.4 DNL (LSB) 0.2 0 -0.2 -0.4 -0.6 -0.8 -1.0
0 -20 MAGNITUDE (dB) -40 -60 -80 -100 -120
INL (LSB)
0.2 0 -0.2 -0.4 -0.6 -0.8 -1.0 0 3276 6553 9830 13107 16384 OUTPUT CODE
0
3276
6553
9830
13107
16384
-140 0 10 20 30 40 50 60 70 80 90 100 FREQUENCY (kHz)
OUTPUT CODE
SINAD VS. FREQUENCY
MAX1062 toc04
SFDR VS. FREQUENCY
MAX1062 toc05
THD VS. FREQUENCY
-10 -20 -30 THD (dB) -40 -50 -60 -70 -80 -90 -100 -110 fSAMPLE = 200kHz
MAX1062 toc06
100 90 80 70 SINAD (dB)
110 100 90 80 SFDR (dB) 70 60 50 40 30 20
0
60 50 40 30 20 10 0 0.1 1 10 100 FREQUENCY (kHz) fSAMPLE = 200kHz
10 0 0.1
fSAMPLE = 200kHz 1 10 100
0.1
1
10
100
FREQUENCY (kHz)
FREQUENCY (kHz)
SUPPLY CURRENT
VS. CONVERSION RATE
MAX1062 toc07
SUPPLY CURRENT
VS. SUPPLY VOLTAGE
MAX1062 toc08
SUPPLY CURRENT VS. TEMPERATURE
MAX1062 toc09
10
3.5 3.0 SUPPLY CURRENT (mA) 2.5 2.0 1.5 1.0 0.5 0
3.5 3.0 SUPPLY CURRENT (mA) 2.5 2.0 1.5 1.0 0.5 AVDD = DVDD= +5V 0
1 SUPPLY CURRENT (mA)
0.1
0.01
0.001 0.0001 0.01
0.1
1
10
100
1000
4.75
4.85
4.95
5.05
5.15
5.25
-40
-15
10
35
60
85
CONVERSION RATE (kHz)
SUPPLY VOLTAGE (V)
TEMPERATURE (C)
_______________________________________________________________________________________
5
14-Bit, +5V, 200ksps ADC with 10A Shutdown MAX1062
Typical Operating Characteristics (continued)
(AVDD = DVDD = +5V, fSCLK = 4.8MHz, CLOAD = 50pF, VREF = +4.096V, TA = 25C, unless otherwise noted.)
SHUTDOWN SUPPLY CURRENT VS. SUPPLY VOLTAGE
MAX1062 toc10
18 16 14 ISHDN (nA)
400 350 300 ISHDN (nA) 250 200 150 100 50
AVDD = DVDD = +5V
12 10 8 6 4 2 0 4.75 4.85 4.95 5.05 5.15 5.25 SUPPLY VOLTAGE (V)
0 -40 -15 10 35 60 85 TEMPERATURE (C)
OFFSET ERROR
VS. ANALOG SUPPLY VOLTAGE
MAX1062 toc12
OFFSET ERROR VS. TEMPERATURE
800 600 OFFSET ERROR (V) 400 200 0 -200 -400 -600 -800
MAX1062 toc13
1000 800 600 OFFSET ERROR (V) 400 200 0 -200 -400 -600 -800 -1000 4.75 4.85 4.95 5.05 5.15
1000
5.25
-1000 -40 -15 10 35 60 85 TEMPERATURE (C)
SUPPLY VOLTAGE (V)
GAIN ERROR
VS. ANALOG SUPPLY VOLTAGE
MAX1062 toc14
GAIN ERROR VS. TEMPERATURE
0.015 0.010 GAIN ERROR (%) 0.005 0 -0.005 -0.010 -0.015 -0.020
MAX1062 toc15
0.020 0.015 0.010 GAIN ERROR (%) 0.005 0 -0.005 -0.010 -0.015 -0.020 4.75 4.85 4.95 5.05 5.15
0.020
5.25
-40
-15
10
35
60
85
SUPPLY VOLTAGE (V)
TEMPERATURE (C)
6
_______________________________________________________________________________________
MAX1062 toc11
20
SHUTDOWN SUPPLY CURRENT VS. TEMPERATURE
450
14-Bit, +5V, 200ksps ADC with 10A Shutdown
Pin Description
PIN 1 2 3, 9 4 NAME REF AVDD AGND CS FUNCTION External Reference Voltage Input. Sets the analog voltage range. Bypass to AGND with a 4.7F capacitor. Analog +5V Supply Voltage. Bypass to AGND (pin 3) with a 0.1F capacitor. Analog Ground. Connect pins 3 and 9 together. Place star ground at pin 3. Active Low Chip Select Input. Forcing CS high places the MAX1062 in shutdown with a typical current of 0.1A. A high-to-low transition on CS activates normal operating mode and initiates a conversion. Serial Clock Input. SCLK drives the conversion process and clocks out data at data rates up to 4.8MHz. Serial Data Output. Data changes state on SCLK's falling edge. DOUT is high impedance when CS is high. Digital Ground Digital Supply Voltage. Bypass to DGND with a 0.1F capacitor. Analog Input
MAX1062
5 6 7 8 10
SCLK DOUT DGND DVDD AIN
Detailed Description
The MAX1062 includes an input track-and-hold (T/H) and successive-approximation register (SAR) circuitry to convert an analog input signal to a digital 14-bit output. Figure 4 shows the MAX1062 in its simplest configuration. The serial interface requires only three digital lines (SCLK, CS, and DOUT) and provides an easy interface to microprocessors (Ps). The MAX1062 has two power modes: normal and shutdown. Driving CS high places the MAX1062 in shutdown, reducing the supply current to 0.1A (typ), while pulling CS low places the MAX1062 in normal operating mode. Falling edges on CS initiate conversions that are driven by SCLK. The conversion result is available at DOUT in unipolar serial format. The serial data stream consists of eight zeros followed by the data bits (MSB first). Figure 3 shows the interface-timing diagram.
Analog Input
Figure 5 illustrates the input sampling architecture of the ADC. The voltage applied at REF sets the full-scale input voltage.
Track-and-Hold (T/H) In track mode, the analog signal is acquired on the internal hold capacitor. In hold mode, the T/H switches open and the capacitive DAC samples the analog input.
During the acquisition, the analog input (AIN) charges capacitor CDAC. The acquisition interval ends on the falling edge of the sixth clock cycle (Figure 6). At this instant, the T/H switches open. The retained charge on CDAC represents a sample of the input. In hold mode, the capacitive digital-to-analog converter (DAC) adjusts during the remainder of the conversion cycle to restore node ZERO to zero within the limits of 14-bit resolution. At the end of the conversion, force CS high and then low to reset the input side of the CDAC switches back to AIN, and charge CDAC to the input signal again. The time required for the T/H to acquire an input signal is a function of how quickly its input capacitance is charged. If the input signal's source impedance is high, the acquisition time lengthens and more time must be allowed between conversions. The acquisition time (tACQ) is the maximum time the device takes to acquire the signal. Use the following formula to calculate acquisition time: tACQ = 11(RS + RIN) x 35pF where R IN = 800, R S = the input signal's source impedance, and t ACQ is never less than 1.1s. A source impedance less than 1k does not significantly affect the ADC's performance. To improve the input signal bandwidth under AC conditions, drive AIN with a wideband buffer (>4MHz) that can drive the ADC's input capacitance and settle quickly.
7
_______________________________________________________________________________________
14-Bit, +5V, 200ksps ADC with 10A Shutdown MAX1062
VDD 1mA DOUT 1mA DGND a) VOL TO VOH CLOAD = 50pF DOUT CLOAD = 50pF DGND b) HIGH-Z TO VOL AND VOH TO VOL DOUT 1mA DGND a) VOH TO HIGH-Z CLOAD = 50pF DOUT 1mA
VDD
CLOAD = 50pF DGND b) VOL TO HIGH-Z
Figure 1. Load Circuits for DOUT Enable Time and SCLK to DOUT Delay Time
Figure 2. Load Circuits for DOUT Disable Time
CS tCSW tCSS SCLK tCP tCL tCH tCSH
tDV DOUT
tDO
tTR
Figure 3. Detailed Serial Interface Timing
Input Bandwidth The ADC's input tracking circuitry has a 4MHz smallsignal bandwidth, so it is possible to digitize highspeed transient events and measure periodic signals with bandwidths exceeding the ADC's sampling rate by using undersampling techniques. To avoid aliasing of unwanted high-frequency signals into the frequency band of interest, use antialias filtering. Analog Input Protection Internal protection diodes, which clamp the analog input to AVDD and/or AGND, allow the input to swing from AGND - 0.3V to AVDD + 0.3V, without damaging the device. If the analog input exceeds 300mV beyond the supplies, limit the input current to 10mA.
AIN VREF 4.7F +5V 0.1F +5V 0.1F
AIN REF AVDD DVDD MAX1062
CS SCLK DOUT
CS SCLK DOUT
AGND DGND
GND
Figure 4. Typical Operating Circuit
8 _______________________________________________________________________________________
14-Bit, +5V, 200ksps ADC with 10A Shutdown
Digital Interface
Initialization after Power-Up and Starting a Conversion
The digital interface consists of two inputs, SCLK and CS, and one output, DOUT. A logic high on CS places the MAX1062 in shutdown (autoshutdown) and places DOUT in a high-impedance state. A logic low on CS places the MAX1062 in the fully powered mode. To start a conversion, pull CS low. A falling edge on CS initiates an acquisition. SCLK drives the A/D conversion and shifts out the conversion results (MSB first) at DOUT.
AIN CSWITCH 3pF REF TRACK CAPACITIVE DAC ZERO HOLD GND HOLD CDAC 32pF RIN 800 TRACK
MAX1062
AUTOZERO RAIL
Timing and Control
Conversion-start and data-read operations are controlled by the CS and SCLK digital inputs (Figures 6 and 7). Ensure that the duty cycle on SCLK is between 40% and 60% at 4.8MHz (the maximum clock frequency). For lower clock frequencies, ensure that the minimum high and low times are at least 65ns. Conversions with SCLK rates less than 100kHz may result in reduced accuracy due to leakage. Note: Coupling between SCLK and the analog inputs (AIN and REF) may result in an offset. Variations in frequency, duty cycle, or other aspects of the clock signal's shape result in changing offset. A CS falling edge initiates an acquisition sequence. The analog input is stored in the capacitive DAC, DOUT changes from high impedance to logic low, and the ADC begins to convert after the sixth clock cycle. SCLK drives the conversion process and shifts out the conversion result on DOUT.
Figure 5. Equivalent Input Circuit
SCLK begins shifting out the data (MSB first) after the falling edge of the 8th SCLK pulse. Twenty-four falling clock edges are needed to shift out the eight leading zeros, 14 data bits, and 2 sub-bits (S1 and S0). Extra clock pulses occurring after the conversion result has been clocked out, and prior to the rising edge of CS, produce trailing zeros at DOUT and have no effect on the converter operation. Force CS high after reading the conversion's LSB to reset the internal registers and place the MAX1062 in shutdown. For maximum throughput, force CS low again to initiate the next conversion immediately after the specified minimum time (tCSW). Note: Forcing CS high in the middle of a conversion immediately aborts the conversion and places the MAX1062 in shutdown.
CS SCLK DOUT tDN
1 tCSS tCH tACQ tDO tTR 4 tCL 6 8 D13 D12 D11 12 D10 D9 D8 D7 16 D6 D5 D4 D3 20 D2 D1 D0 S1 24 tCSH S0
Figure 6. External Timing Diagram
_______________________________________________________________________________________ 9
14-Bit, +5V, 200ksps ADC with 10A Shutdown MAX1062
COMPLETE CONVERSION SEQUENCE CS
DOUT CONVERSION 0 CONVERSION 1
POWERED UP
POWERED DOWN
POWERED UP
Figure 7. Shutdown Sequence
Output Coding and Transfer Function
The data output from the MAX1062 is binary and Figure 8 depicts the nominal transfer function. Code transitions occur halfway between successive-integer LSB values (VREF = 4.096V and 1LSB = 250V or 4.096V/16384).
OUTPUT CODE FULL-SCALE TRANSITION
11 . . . 111 11 . . . 110 11 . . . 101
Applications Information
External Reference
The MAX1062 requires an external reference with a voltage range between 3.8V and AVDD. Connect the external reference directly to REF. Bypass REF to AGND (pin 3) with a 4.7F capacitor. When not using a low ESR bypass capacitor, use a 0.1F ceramic capacitor in parallel with the 4.7F capacitor. Noise on the reference degrades conversion accuracy. The input impedance at REF is 40k for DC currents. During a conversion the external reference at REF must deliver 100A of DC load current and have an output impedance of 10 or less. For optimal performance, buffer the reference through an op amp and bypass the REF input. Consider the MAX1062's equivalent input noise (80V RMS) when choosing a reference.
FS = VREF V 1LSB = REF 16384
00 . . . 011 00 . . . 010 00 . . . 001 00 . . . 000 0 1 2 3 INPUT VOLTAGE (LSB)
FS FS - 3/2LSB
Figure 8. Unipolar Transfer Function, Full Scale (FS) = VREF, Zero Scale (ZS) = GND
Input Buffer
Most applications require an input buffer amplifier to achieve 14-bit accuracy. If the input signal is multiplexed, switch the input channel immediately after acquisition, rather than near the end of or after a conversion (Figure 9). This allows the maximum time for the input buffer amplifier to respond to a large step change in the input signal. The input amplifier must have a slew rate of at least 2V/s to complete the required output voltage change before the beginning of the acquisition time.
10
At the beginning of the acquisition, the internal sampling capacitor array connects to AIN (the amplifier output), causing some output disturbance. Ensure that the sampled voltage has settled before the end of the acquisition time.
Digital Noise Digital noise can couple to AIN and REF. The conversion clock (SCLK) and other digital signals active during input acquisition contribute noise to the conversion result. Noise signals synchronous with the sampling interval result in an effective input offset. Asynchronous signals produce random noise on the input, whose
______________________________________________________________________________________
14-Bit, +5V, 200ksps ADC with 10A Shutdown MAX1062
IN1 IN2
A0
A1
4-TO-1 MUX AIN OUT CS
MAX1062
IN3 IN4
CLK CONVERSION CS ACQUISITION
A0
A1
CHANGE MUX INPUT HERE
Figure 9. Change Multiplexer Input Near Beginning of Conversion to Allow Time for Slewing and Settling
high-frequency components may be aliased into the frequency band of interest. Minimize noise by presenting a low impedance (at the frequencies contained in the noise signal) at the inputs. This requires bypassing AIN to AGND, or buffering the input with an amplifier that has a small-signal bandwidth of several MHz, or preferably both. AIN has about 4MHz of bandwidth.
DC Accuracy To improve DC accuracy, choose a buffer with an offset much less than the MAX1062's offset (1mV (max) for +5V supply), or whose offset can be trimmed while maintaining stability over the required temperature range.
Serial Interfaces
The MAX1062's interface is fully compatible with SPI, QSPI, and MICROWIRE standard serial interfaces. If a serial interface is available, establish the CPU's serial interface as master, so that the CPU generates the serial clock for the MAX1062. Select a clock frequency between 100kHz and 4.8MHz: 1) Use a general-purpose I/O line on the CPU to pull CS low. 2) Activate SCLK for a minimum of 24 clock cycles. The serial data stream of eight leading zeros followed by the MSB of the conversion result begins at the falling edge of CS. DOUT transitions on SCLK's falling edge and the output is available in MSB-first
11
Distortion Avoid degrading dynamic performance by choosing an amplifier with distortion much less than the MAX1062's total harmonic distortion (THD = -99dB at 1kHz) at frequencies of interest. If the chosen amplifier has insufficient common-mode rejection, which results in degraded THD performance, use the inverting configuration (positive input grounded) to eliminate errors from this source. Low temperature-coefficient, gain-setting resistors reduce linearity errors caused by resistance changes due to self-heating. To reduce linearity errors due to finite amplifier gain, use amplifier circuits with sufficient loop gain at the frequencies of interest.
______________________________________________________________________________________
14-Bit, +5V, 200ksps ADC with 10A Shutdown MAX1062
format. Observe the SCLK to DOUT valid timing characteristic. Clock data into the P on SCLK's rising edge. 3) Pull CS high at or after the 24th falling clock edge. If CS remains low, trailing zeros are clocked out after the 2 sub-bits, S1 and S0. 4) With CS high, wait at least 50ns (tCSW) before starting a new conversion by pulling CS low. A conversion can be aborted by pulling CS high before the conversion ends. Wait at least 50ns before starting a new conversion. Data can be output in three 8-bit sequences or continuously. The bytes contain the results of the conversion padded with eight leading zeros before the MSB. If the serial clock has not been idled after the sub-bits (S1 and S0) and CS has been kept low, DOUT sends trailing zeros.
SPI and MICROWIRE Interfaces
When using the SPI (Figure 10a) or MICROWIRE (Figure 10b) interfaces, set CPOL = 0 and CPHA = 0. Conversion begins with a falling edge on CS (Figure 10c). Three consecutive 8-bit readings are necessary to obtain the entire 14-bit result from the ADC. DOUT data transitions on the serial clock's falling edge. The first 8-bit data stream contains all leading zeros. The second 8-bit data stream contains the MSB through D6. The third 8-bit data stream contains D5 through D0 followed by S1 and S0.
QSPI Interface
Using the high-speed QSPI interface with CPOL = 0 and CPHA = 0, the MAX1062 supports a maximum fSCLK of 4.8MHz. Figure 11a shows the MAX1062 connected to a QSPI master and Figure 11b shows the associated interface timing.
I/O SCK MISO SPI VDD
CS SCLK DOUT MICROWIRE
I/O SK SI
CS SCLK DOUT
MAX1062
SS
MAX1067 MAX1068
Figure 10a. SPI Connections
Figure 10b. MICROWIRE Connections
1ST BYTE READ SCLK CS 1 4 6 8
2ND BYTE READ 12 16
DOUT*
0
0
0
0
0
0
0
0
D13 MSB
D12
D11
D10
D9
D8
D7
D6
D5
*WHEN CS IS HIGH, DOUT = HIGH-Z 3RD BYTE READ 20 24
HIGH-Z D5 D4 D3 D2 D1 D0 LSB S1 S0
Figure 10c. SPI/MICROWIRE Interface Timing Sequence (CPOL = CPHA =0)
12 ______________________________________________________________________________________
14-Bit, +5V, 200ksps ADC with 10A Shutdown MAX1062
CS SCK QSPI MISO VDD
CS SCLK DOUT
MAX1062
SS
Figure 11a. QSPI Connections
SCLK CS DOUT*
1
4
6
8
12
16
20
24
END OF ACQUISITION
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
S1
S0
HIGH-Z
*WHEN CS IS HIGH, DOUT = HIGH-Z
MSB
LSB
Figure 11b. QSPI Interface Timing Sequence (CPOL = CPHA = 0)
VDD VDD
PIC16 with SSP Module and PIC17 Interface
The MAX1062 is compatible with a PIC16/PIC17 microcontroller (C) using the synchronous serial-port (SSP) module. To establish SPI communication, connect the controller as shown in Figure 12a. Configure the PIC16/PIC17 as system master, by initializing its synchronous serial-port control register (SSPCON) and synchronous serial-port status register (SSPSTAT) to the bit patterns shown in Tables 1 and 2. In SPI mode, the PIC16/PIC17 C allows 8 bits of data to be synchronously transmitted and received simulta-
SCLK DOUT CS
SCK SDI I/O PIC16/17
MAX1062
GND
Figure 12a. SPI Interface Connection for a PIC16/PIC17
Table 1. Detailed SSPCON Register Contents
CONTROL BIT WCOL SSPOV SSPEN CKP SSPM3 SSPM2 SSPM1 SSPM0 BIT7 BIT6 BIT5 BIT4 BIT3 BIT2 BIT1 BIT0 MAX1062 SETTINGS X X 1 0 0 0 0 1 Synchronous Serial-Port Mode Select Bit. Sets SPI master mode and selects fCLK = fOSC / 16. SYNCHRONOUS SERIAL-PORT CONTROL REGISTER (SSPCON) Write Collision Detection Bit Receive Overflow Detect Bit Synchronous Serial-Port Enable Bit: 0: Disables serial port and configures these pins as I/O port pins. 1: Enables serial port and configures SCK, SDO, and SCI pins as serial port pins. Clock Polarity Select Bit. CKP = 0 for SPI master mode selection.
X = Don't care ______________________________________________________________________________________ 13
14-Bit, +5V, 200ksps ADC with 10A Shutdown MAX1062
Table 2. Detailed SSPSTAT Register Contents
CONTROL BIT SMP CKE D/A P S R/W UA BF BIT7 BIT6 BIT5 BIT4 BIT3 BIT2 BIT1 BIT0 MAX1062 SETTINGS 0 1 X X X X X X SYNCHRONOUS SERIAL-PORT CONTROL REGISTER (SSPSTAT) SPI Data Input Sample Phase. Input data is sampled at the middle of the data output time. SPI Clock Edge Select Bit. Data will be transmitted on the rising edge of the serial clock. Data Address Bit Stop Bit Start Bit Read/Write Bit Information Update Address Buffer Full Status Bit
X = Don't care
1ST BYTE READ SCLK CS
2ND BYTE READ 12 16
DOUT*
0
0
0
0
0
0
0
0
D13 MSB
D12
D11
D10
D9
D8
D7
D6
D5
*WHEN CS IS HIGH, DOUT = HIGH-Z
3RD BYTE READ 20 24
HIGH-Z D5 D4 D3 D2 D1 D0 LSB S1 S0
Figure 12b. SPI Interface Timing with PIC16/PIC17 in Master Mode (CKE = 1, CKP = 0, SMP = 0, SSPM3 - SSPM0 =0001)
neously. Three consecutive 8-bit readings (Figure 12b) are necessary to obtain the entire 14-bit result from the ADC. DOUT data transitions on the serial clock's falling edge and is clocked into the C on SCLK's rising edge. The first 8-bit data stream contains all zeros. The second 8-bit data stream contains the MSB through D6. The third 8-bit data stream contains bits D5 through D0 followed by S1 and S0.
line drawn between the end points of the transfer function, once offset and gain errors have been nullified. The static linearity parameters for the MAX1062 are measured using the endpoint method.
Differential Nonlinearity
Differential nonlinearity (DNL) is the difference between an actual step width and the ideal value of 1LSB. A DNL error specification of 1LSB guarantees no missing codes and a monotonic transfer function.
Definitions
Integral Nonlinearity
Integral nonlinearity (INL) is the deviation of the values on an actual transfer function from a straight line. This straight line can be either a best-fit straight line fit or a
14
Aperture Definitions
Aperture jitter (tAJ) is the sample-to-sample variation in the time between samples. Aperture delay (tAD) is the
______________________________________________________________________________________
14-Bit, +5V, 200ksps ADC with 10A Shutdown
scale range of the ADC, calculate the effective number of bits as follows: ENOB = (SINAD - 1.76) / 6.02 Figure 13 shows the effective number of bits as a function of the MAX1062's input frequency.
MAX1062
12 10 EFFECTIVE BITS 8 6 4 2 fSAMPLE = 200kHz 0 0.1 1 10
MAX1062 Fig13
14
Total Harmonic Distortion
Total harmonic distortion (THD) is the ratio of the RMS sum of the first five harmonics of the input signal to the fundamental itself. This is expressed as: 2 2 2 2 V2 + V3 + V4 + V5 THD = 20 x log V1
100
INPUT FREQUENCY (kHz)
Figure 13. Effective Bits vs. Input Frequency
where V1 is the fundamental amplitude and V2 through V5 are the 2nd- through 5th-order harmonics.
Spurious-Free Dynamic Range
time between the falling edge of the sampling clock and the instant when the actual sample is taken. Spurious-free dynamic range (SFDR) is the ratio of the RMS amplitude of the fundamental (maximum signal component) to the RMS value of the next largest frequency component.
Signal-to-Noise Ratio
For a waveform perfectly reconstructed from digital samples, signal-to-noise ratio (SNR) is the ratio of the full-scale analog input (RMS value) to the RMS quantization error (residual error). The ideal, theoretical minimum analog-to-digital noise is caused by quantization noise error only and results directly from the ADCs resolution (N bits): SNR = (6.02 x N + 1.76)dB In reality, there are other noise sources besides quantization noise: thermal noise, reference noise, clock jitter, etc. SNR is computed by taking the ratio of the RMS signal to the RMS noise, which includes all spectral components minus the fundamental, the first five harmonics, and the DC offset.
Supplies, Layout, Grounding and Bypassing
Use PC boards with separate analog and digital ground planes. Do not use wire-wrap boards. Connect the two ground planes together at the MAX1062 (pin 3). Isolate the digital supply from the analog with a lowvalue resistor (10) or ferrite bead when the analog and digital supplies come from the same source (Figure 14).
AIN
AIN REF 4.7F AVDD 10 0.1F 0.1F DVDD MAX1062
CS SCLK DOUT
CS SCLK DOUT
Signal-to-Noise Plus Distortion
Signal-to-noise plus distortion (SINAD) is the ratio of the fundamental input frequency's RMS amplitude to the RMS equivalent of all the other ADC output signals. SignalRMS SINAD(dB) = 20 x log (Noise + Distortion) RMS
VREF +5V
AGND DGND
Effective Number of Bits
Effective number of bits (ENOB) indicate the global accuracy of an ADC at a specific input frequency and sampling rate. An ideal ADC error consists of quantization noise only. With an input range equal to the full-
GND
Figure 14. Powering AVDD and DVDD from a Single Supply
______________________________________________________________________________________
15
14-Bit, +5V, 200ksps ADC with 10A Shutdown MAX1062
Constraints on sequencing the power supplies and inputs are as follows: * Apply AGND before DGND. * Apply AIN and REF after AVDD and AGND are present. * DVDD is independent of the supply sequencing. Ensure that digital return currents do not pass through the analog ground and that return-current paths are low impedance. A 5mA current flowing through a PC board ground trace impedance of only 0.05 creates an error voltage of about 250V, 1LSB error with a 4V full-scale system. The board layout should ensure that digital and analog signal lines are kept separate. Do not run analog and digital (especially the SCLK and DOUT) lines parallel to one another. If one must cross another, do so at right angles. The ADCs high-speed comparator is sensitive to highfrequency noise on the AVDD power supply. Bypass an excessively noisy supply to the analog ground plane with a 0.1F capacitor in parallel with a 1F to 10F low-ESR capacitor. Keep capacitor leads short for best supply-noise rejection.
REF AIN AGND TRACK AND HOLD 14-BIT SAR ADC OUTPUT BUFFER DOUT
Functional Diagram
AVDD
DVDD
SCLK
CONTROL
CS MAX1062
DGND
16
______________________________________________________________________________________
14-Bit, +5V, 200ksps ADC with 10A Shutdown
Chip Information
TRANSISTOR COUNT: 12,100 PROCESS: BiCMOS
Package Information
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages. Note that a "+", "#", or "-" in the package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing pertains to the package regardless of RoHS status. PACKAGE TYPE 10 MAX PACKAGE CODE U10-2 DOCUMENT NO. 21-0061
MAX1062
______________________________________________________________________________________
17
14-Bit, +5V, 200ksps ADC with 10A Shutdown MAX1062
Revision History
REVISION NUMBER 0 1 REVISION DATE 10/01 5/09 Initial release Updated some specifications DESCRIPTION PAGES CHANGED -- 1, 3
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
18 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 2009 Maxim Integrated Products Maxim is a registered trademark of Maxim Integrated Products, Inc.


▲Up To Search▲   

 
Price & Availability of MAX106209

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X